Part Number Hot Search : 
LT196 AMN33112 74LVX TA78M08F 70M00 11N900 TDA15 74LS25
Product Description
Full Text Search
 

To Download LM7805XE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Spec. No. : C521E3 Issued Date : 2003.04.02 Revised Date :2005.06.08 Page No. : 1/3
LM7805XE3
Description
The LM7805XE3 series of three-terminal positive regulators are available in the TO-220AB package. These regulators can provide TO-220AB local on -card regulation, eliminating the distribution problems associated with single point regulation. Each employs internal current limiting, thermal shutdown and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. LM7805XE3 is characterized for operation from 0C to +125C, and if operating temperature is always high, please refer to the power dissipation curve.
Absolute Maximum Ratings (Ta=25C)
* Input Voltage ....................................................................................................................... 35 V * Total Power Dissipation .................................................................................... Internally limited * Operating Temperature Range .......................................................................... 0 C to +125 C * Maximum Junction Temperature ..................................................................................... 125 C * Storage Temperature Range .......................................................................... -55 C to +150 C * Lead Temperature (Soldering 10S).................................................................................. 230 C Typical Application Schematic Diagram
Input
Vin
1
LM7805
3
Vout
3.4K 6.3V
10K 1K 200 200 0.3 2K
C1
2
C2
30K Output VREF 26 1.9K 20pF 4K
Note:
C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
26
4K
1.2
12.1K
1K
GND
LM7805XE3
CYStek Product Specification
CYStech Electronics Corp.
Electrical Characteristics
Vin=10V, Io=500mA, 0CTj125C (unless otherwise noted)
Spec. No. : C521E3 Issued Date : 2003.04.02 Revised Date :2005.06.08 Page No. : 2/3
Symbol Vo Vo Vo IQ IQ Vn RR VD Isc Ipk Vo / T Symbol Vo Vo Vo IQ IQ Vn RR VD Isc Ipk Vo / T
Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Average Tc of Vout Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Average Tc of Vout
Conditions Tj=25C PD15W, 5mAIo1A Tj=25C, 7VVin25V Tj=25C, 8VVin25V 5mAIo1.5A 250mAIo750mA Io1A, Tj=25C 5mAIo1A 7VVin25V Ta=25C, 10Hzf100KHz 8VVin18V, f=120Hz Tj=25C, Io=1A Tj=25C Tj=25C 0CTj+125C, Io=5mA Conditions Tj=25C PD15W, 5mAIo1A Tj=25C, 7VVin25V Tj=25C, 8VVin25V 5mAIo1.5A 250mAIo750mA Io1A, Tj=25C 5mAIo1A 7VVin25V Ta=25C, 10Hzf100KHz 8VVin18V, f=120Hz Tj=25C, Io=1A Tj=25C Tj=25C 0CTj+125C, Io=5mA
LM7805A Min Typ Max 4.85 5 5.15 4.85 5 5.15 4 50 1.6 25 100 50 5.5 8 0.5 1.3 40 200 68 2 1.5 1.7 -0.8 LM7805B Min Typ Max 4.8 5 5.2 4.75 5 5.25 4 100 1.6 50 100 50 5.5 8 0.5 1.3 100 300 62 73 2.5 1.5 1.7 -0.8 -
Units V mV mV mA mA uV dB V A A mV/C Units V mV mV mA mA uV dB V A A mV/C
LM7805XE3
CYStek Product Specification
CYStech Electronics Corp.
TO-220AB Dimension
Marking:
A D B E C
Spec. No. : C521E3 Issued Date : 2003.04.02 Revised Date :2005.06.08 Page No. : 3/3
H I G 4 P M 3 2 1 N K
Style: Pin 1.Vin 2.Ground 3.Vout 4.Ground
3-Lead TO-220AB Plastic Package CYStek Package Code: E3
O
*: Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
LM7805XE3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of LM7805XE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X